Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9102F Datasheet(PDF) 1 Page - Sames

Part # SA9102F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9102F Datasheet(HTML) 1 Page - Sames

  SA9102F Datasheet HTML 1Page - Sames SA9102F Datasheet HTML 2Page - Sames SA9102F Datasheet HTML 3Page - Sames SA9102F Datasheet HTML 4Page - Sames SA9102F Datasheet HTML 5Page - Sames SA9102F Datasheet HTML 6Page - Sames SA9102F Datasheet HTML 7Page - Sames SA9102F Datasheet HTML 8Page - Sames SA9102F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sames
1/14
SA9102F/SA9102H
FEATURES
n
Performs bidirectional power and
energy measurement
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Protected against ESD
n
Power consumption rating typically
25mW
n
Adaptable to different types of current
sensors
n
Operates over a wide temperature
range
n
Precision voltage reference on-chip
n
Two output signal formats available
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH INSTANTANEOUS PULSE OUTPUT
4352
PDS039-SA9102F-001
REV. B
08-01-97
DESCRIPTION
The SAMES SA9102F and SA9102H Single
Phase bidirectional Power/Energy metering
integrated circuits generate pulse rate
outputs for positive and negative energy
directions, the frequency of which is
proportional to the power
consumption.
These devices perform the calculation for
active power.
The method of calculation takes the power
factor into account.
Energy consumption is determined by the
power measurement being integrated over
time.
These innovative universal power/energy
metering integrated circuits are ideally suited
for energy calculations in applications such
as electricity dispensing systems (ED's),
residential municipal metering and factory
energy metering and control.
The SA9102F and SA9102H integrated
circuits are available in both 20 pin dual-in-
line plastic (DIP-20), as well as 20 pin small
outline (SOIC-20) package types.
PIN CONNECTIONS
Package: DIP-20
SOIC-20
DR-00906
OSC2
8
9
10
TP9
DD
V
2
IIP
4
6
7
5
3
CPIP
CPIN
CPOP
CPON
VREF
1
IIN
11
12
13
FOUT
DIR
OSC1
19
14
15
16
17
18
20
IVP
CON
COP
CIP
SS
CIN
V
GND


Similar Part No. - SA9102F

ManufacturerPart #DatasheetDescription
logo
Sames
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CPA SAMES-SA9102CPA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CSA SAMES-SA9102CSA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
More results

Similar Description - SA9102F

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com