Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9102F Datasheet(PDF) 7 Page - Sames

Part # SA9102F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9102F Datasheet(HTML) 7 Page - Sames

Back Button SA9102F Datasheet HTML 3Page - Sames SA9102F Datasheet HTML 4Page - Sames SA9102F Datasheet HTML 5Page - Sames SA9102F Datasheet HTML 6Page - Sames SA9102F Datasheet HTML 7Page - Sames SA9102F Datasheet HTML 8Page - Sames SA9102F Datasheet HTML 9Page - Sames SA9102F Datasheet HTML 10Page - Sames SA9102F Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SA9102F/SA9102H
sames
7/14
The formula for calculating the output frequency (f) is given below:
f = 11.16 * FOUTX *
FOSC
*
I
I .IV
3.58MHz
I
R
2
Where FOUTX
= Nominal rated frequency (64Hz)
FOSC
= Oscillator frequency (2MHz ...... 4MHz)
I
I
= Input currents for current inputs (16µA at rated)
I
V
= Input currents for voltage inputs (14µA at rated)
I
R
= Reference current (typically 50µA)
XTAL is a colour burst TV crystal (f = 3.5795MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897MHz on-chip, to supply the digital circuitry and the
A/d converters.
TYPICAL APPLICATIONS
In the Application Circuits (Figures 1 and 2), the components required for power metering
applications are shown.
In Figure 1 a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
In the case of Figure 2, when using a current transformer for current sensing, a +5V, 0V
DC supply is sufficient.
The most important external components for the SA9102F and SA9102H integrated
circuits are:
C
1 and C2 are the outer loop capacitors for the two integrated oversampling A/D
converters. The value of these capacitors is 560pF.
The actual values determine signal to noise and stability performance. The tolerances
should be within ±10%.
C
3 and C4 are the inner loop capacitors of the A/D converters.
The optimum value is
3.3nF. The actual values are uncritical. Values smaller than 0.5nF and larger than 5nF
should be avoided.
R
2, R1 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA into the SA9102F/SA9102H
at maximum line current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µA) * RSH/2
Where
I
L
=
Line current
RSH
=
Shunt resistor/termination resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com