Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9102F Datasheet(PDF) 6 Page - Sames

Part # SA9102F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9102F Datasheet(HTML) 6 Page - Sames

Back Button SA9102F Datasheet HTML 2Page - Sames SA9102F Datasheet HTML 3Page - Sames SA9102F Datasheet HTML 4Page - Sames SA9102F Datasheet HTML 5Page - Sames SA9102F Datasheet HTML 6Page - Sames SA9102F Datasheet HTML 7Page - Sames SA9102F Datasheet HTML 8Page - Sames SA9102F Datasheet HTML 9Page - Sames SA9102F Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SA9102F/SA9102H
6/14
sames
3.
Electrostatic Discharge (ESD) Protection
The SA9102F/SA9102H integrated circuits inputs/outputs are protected against
ESD.
4.
Power Consumption
The power consumption rating of the SA9102F and SA9102H integrated circuits is
less than 30mW.
5.
Pulse Output Signals
The calcualted power is divided down to a pulse rate of 64Hz, for rated conditions
on FOUT (Pin 12), for both the SA9102F and SA9102H.
The format of the pulse output signal, which provides power/energy and direction
information, is the only difference between the SA9102F and SA9102H devices.
The direction of the energy flow is defined by the mark/space ratio in the SA9102F,
while the pulse width defines the direction on the SA9102H.
An integrated anticreep function ensures no metering at zero line currents.
DR-00909
mm
Positive Energy Flow
SA9102H
SA9102F
pp = 1.1ms
pp
t
t
mm
pp
t
mm
t
mm
pn = 3.4ms
Negative Energy Flow
pn
t
t
pn
Waveform on FOUT (Pin 12)
Waveform on DIR (Pin 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com