Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374EST20TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1374EST20TC
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374EST20TC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1374EST20TC Datasheet HTML 2Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 3Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 4Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 6 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics
0
0.5
1
1.5
2
2.5
3
6
12
18
24
30
3642
4854
60
Supply Voltage (V)
Figure 1. Supply Current vs. Supply Voltage
0
250
500
750
1000
1250
1500
0
0.5
1
1.5
2
2.5
0
150
300
450
600
750
900
ADJ Voltage (V)
Figure 2. Buck LED Current, Switching Frequency vs. VADJ
ILED
Switching
Frequency
T = 25C
V
= V
= 12V
2LEDs
L = 33 H
R = 300m
A
AUX
IN
S
µ
Ω
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
0.5
1
1.5
2
2.5
0
200
400
600
800
1000
1200
1400
ADJ Voltage
Figure 3. Buck-Boost LED C urrent, Switching Frequency vs. VADJ
Switching
Frequenc y
I
LED
T = 25 C
V
= V
= 24V
8LEDs
L = 33 H
GI = 0. 23
R = 300m
A
AUX
IN
S
°
µ
Ω
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
0.25 0.5 0.75 1
1.25 1.5 1.75
2
2.25 2.5
0
100
200
300
400
500
600
700
ADJ Voltage
Figure 4. Boost LED Current, Sw itching Frequency vs. V
ADJ
Switching
Frequency
ILED
T = 25C
V
= V
= 12V
12 LEDs
L = 33 H
R = 300m
A
AUX
IN
S
µ
Ω
V
= 24V
I
= 100Hz
IN
PWM
T = 25 C
A
°
0
250
500
750
1000
1250
1500
0
10
2030
40
50
60
70
8090 100
PWM Duty Cycle (%)
Figure 5. I
vs. PWM Duty C ycle
LED
ILED
Figure 6. ILED vs time - PWM pin transient response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com