Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374EST20TC Datasheet(PDF) 30 Page - Diodes Incorporated

Part # ZXLD1374EST20TC
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374EST20TC Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button ZXLD1374EST20TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 34Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 30 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
PCB Layout considerations
PCB layout is a fundamental activity to get the most of the device in all configurations. In the following section it is possible
to find some important insight to design with the ZXLD1374 both in Buck and Buck-boost/Boost configurations.
Figure 51. Circuit Layout
Here are some considerations useful for the PCB layout:
-
In order to avoid ringing due to stray inductances, the inductor L1, the anode of D1 and the LX pin should be placed
as close together as possible.
-
The shaping capacitor C1 is fundamental for the stability of the control loop. To this end it should be placed no more
than 5mm from the SHP pin.
-
Input voltage pins, VIN and VAUX, need to be decoupled. It is recommended to use two ceramic capacitors of 2.2uF,
X7R, 100V (C3 and C4). In addition to these capacitors, it is suggested to add two ceramic capacitors of 1uF, X7R,
100V each (C2, C8), as well as a further decoupling capacitor of 100nF close to the VIN/VAUX pins (C9)
the device
is used in Buck mode, or can be driven from a separate supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com