Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374EST20TC Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXLD1374EST20TC
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374EST20TC Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXLD1374EST20TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 25 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
The PWM pin is designed to be driven by both 3.3V and 5V logic levels. It can be driven also by an open drain/collector
transistor. In this case the designer can either use the internal pull-up network or an external pull-up network in order to
speed-up PWM transitions, as shown in the Boost/ Buck-boost section.
Figure 43. PWM Dimming from Open Collector Switch
Figure 44. PWM Dimming from MCU
LED current can be adjusted digitally, by applying a low frequency PWM logic signal to the PWM pin to turn the controller on
and off. This will produce an average output current proportional to the duty cycle of the control signal. During PWM
operation, the device remains powered up and only the output switch is gated by the control signal.
The PWM signal can achieve very high LED current resolution. In fact, dimming down from 100% to 0, a minimum pulse
width of 5us can be achieved resulting in very high accuracy. While the maximum recommended pulse is for the PWM
signal is10ms.
Figure 45. PWM Dimming Minimum and Maximum Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com