Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374EST20TC Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1374EST20TC
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374EST20TC Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1374EST20TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 23 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Boost and Buck-boost
MAX
MAX
LED
RMS
COUTPUT
D
1
D
I
I
−
=
−
Ceramic capacitors with X7R dielectric are the best choice due to their high ripple current rating, long lifetime, and
performance over the voltage and temperature ranges.
BOOTSTRAP CIRCUIT
In Boost and Buck-boost modes with input voltages below 12V to fully enhance the internal power switch it is required to use a
bootstrap network as shown in figure 40.
Figure 40: Bootstrap circuit for low voltage operations
The bootstrap circuit is realized by adding a reservoir capacitor, C8, current limiting resistor R13 (=100
Ω) and a blocking
diode D2 (DFSL160). During the power switch turn-on C8 needs to be able to supply approximately 10mA current.
A capacitor of 1uF (C8) provides a reasonable trade-off between VAUX supply needs and LED current accuracy. At start-up
the VAUX pin requires only a few mA of current from the LED current. In normal operation the current taken from the LED
current to supply VAUX will be negligible.
INPUT CAPACITOR
The input capacitor and minimum RMS current for the output capacitor can be calculated knowing the input voltage ripple
ΔVIN-PP as follows:
Input capacitor
Minimum RMS current
Buck
PP
IN
SW
LED
IN
V
x
f
I
x
)
D
1
(
x
D
C
−
Δ
−
=
)
D
1
(
Dx
x
I
I
LED
RMS
CIN
−
=
−
use D=0.5 as worst case
use D=0.5 as worst case
Boost
PP
IN
SW
PP
COIL
IN
V
x
f
x
8
I
C
−
−
Δ
Δ
=
12
I
I
PP
L
RMS
CIN
−
−
=
Buck-boost
PP
IN
SW
LED
IN
V
x
f
I
x
D
C
−
Δ
=
)
D
1
(
D
x
I
I
LED
RMS
CIN
−
=
−
Use D = DMAX as worst case
Use D = DMAX as worst case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com