Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374EST20TC Datasheet(PDF) 19 Page - Diodes Incorporated

Part # ZXLD1374EST20TC
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374EST20TC Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button ZXLD1374EST20TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 19 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
For example, in a Buck configuration (VIN =24V and 6 LEDs), with a load current of 1.5A; if the target frequency is around
400 kHz, the Ideal inductor size is L= 33µH.
The same kind of graphs can be used to select the right inductor for a Buck configuration and a LED current of 750mA, as
shown in figures 34 and 35.
0
1020
30
4050
60
1
3
5
7
9
11
13
15
Supply Voltage (V)
L=33uH
L=47uH
L=68uH
L=100uH
Figure 34: 750mA Buck mode inductor selection for target frequency 400kHz
0
10
2030405060
1
3
5
7
9
11
13
15
Supply Voltage (V)
L=10uH
L=22uH
L=33uH
L=47uH
Figure 35: 750mA Buck mode inductor selection for target frequency > 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com