Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374EST20TC Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXLD1374EST20TC
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374EST20TC Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXLD1374EST20TC Datasheet HTML 10Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1374EST20TC Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 14 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
b) Boost and Buck-boost modes
A basic ZXLD1374 application circuit for Buck-boost and Boost modes is shown in Figure 28.
Control in Boost and Buck-boost mode is achieved by
sensing the coil current in the series resistor Rs,
connected between the two inputs of a current monitor
within the control loop block.
An output from the control loop drives the input of a
comparator which drives the gate of the internal NMOS
switch transistor. In Boost and Buck-boost modes, when
the switch is on, current flows from VIN, via Rs, coil and
switch to ground. This current ramps up until an upper
threshold value is reached.
At this point the switch is
turned off and the current flows via Rs, coil, D1 and LED
back to VIN (Buck-boost mode), or GND (Boost mode).
When the coil current has ramped down to a lower
threshold value the switch is turned on again and the
cycle of events repeats, resulting in continuous oscillation.
The average current in the coil is equal to the average of
the maximum and minimum threshold currents and the
ripple current (hysteresis) is equal to the difference
between the thresholds.
Figure 28. Boost and Buck-boost Configuration
The average current in the LED is always less than the
average current in the coil and the ratio between these
currents is set by the values of external resistors RGI1 and
RGI2. The peak LED current is equal to the peak coil
current.
The control loop maintains the average LED
current at the set level by adjusting the thresholds and the
hysteresis continuously to force the average current in the
coil to the value demanded by the voltage on the ADJ and
GI pins.
This minimizes variation in output current with
changes in operating conditions. Loop compensation is
achieved by a single external capacitor C2, connected
between SHP and SGND.
For more detailed descriptions of device operation and for
choosing external components, please refer to the
application circuits and descriptions in the later sections of
this specification.
Figure 29. Operating Waveforms
(Boost and Buck-boost Modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com