Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 21Page - National Semiconductor (TI) LM8322 Datasheet HTML 22Page - National Semiconductor (TI) LM8322 Datasheet HTML 23Page - National Semiconductor (TI) LM8322 Datasheet HTML 24Page - National Semiconductor (TI) LM8322 Datasheet HTML 25Page - National Semiconductor (TI) LM8322 Datasheet HTML 26Page - National Semiconductor (TI) LM8322 Datasheet HTML 27Page - National Semiconductor (TI) LM8322 Datasheet HTML 28Page - National Semiconductor (TI) LM8322 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
16.0 Host Interface
The two-wire ACCESS.bus interface is used to communicate
with a host. The ACCESS.bus interface is fully compliant with
the I2C bus standard. The LM8322 operates as a bus slave
at 400 kHz (Fast mode).
All communication with the LM8322 over the ACCESS.bus
interface is initiated by the host, usually in response to an in-
terrupt request (IRQ low) asserted by the LM8322. The
LM8322 may request service from the host by asserting the
IRQ interrupt output.
16.1 START AND STOP CONDITIONS
Every transfer is preceded by a Start condition or a Repeated
Start condition. The latter occurs when a command follows
immediately upon another command without an intervening
Stop condition. A Stop condition indicates the end of trans-
mission. Every byte is acknowledged by the receiver.
30013615
FIGURE 15. Start and Stop Conditions
16.2 CONTINUOUS COMMAND STRINGS
A host device may send a continuous string of commands
using the Repeated Start condition, which would block an-
other ACCESS.bus device from gaining control of the bus.
After Power-On the host device must send multiple com-
mands to initialize the LM8322 device. A minimal command
string will include the commands shown in Table 10.
TABLE 10. Minimal Command String
Command
Description
READ_ID
Read vendor ID and software
version
READ_INT
Check if NOINT bit is set in
interrupt register
WRITE_CFG
Configure the LM8322
SET_KEY_SIZE
Set the size of the keypad
WRITE_CLK
Set the clock mode for the PWM
unit
WRITE_PORT_SEL
Set port direction for GPIO pins
WRITE_PORT_STATE Set port states of GPIO pins
A more comprehensive command string may include the ad-
ditional commands shown in Table 11.
TABLE 11. Additional Commands
Command
Description
SET_DEBOUNCE
Set debounce time
SET_ACTIVE
Set active time
READ_CLK
Verify PWM clock settings
READ_CFG
Verify configuration setting
READ_PORT_STATE
Read all port states (physical levels
on pins)
Note: Very long continuous command strings exceeding 30
milliseconds could overrun the ability of the LM8322 to pro-
cess commands if the time from the last clock cycle of a
command until the next Start condition or Repeated Start
condition is always shorter than 60 µs. A very long command
chain could prevent the LM8322 from performing any watch-
dog service and consequently could trigger a physical
RESET to the device.
To avoid overrunning the LM8322, the host should not send
a Start condition or a Repeated Start condition less than 100
µs after the last Stop condition or the last clock of a preceding
command.
16.3 DEVICE ADDRESS
The device address is controlled by states sampled on the
CONFIG_1 and CONFIG_2 pins, as shown in Table 12. In the
first byte of a bus transaction, a 7-bit address plus a direction
bit are broadcast by the bus master to all bus slaves.
TABLE 12. Device Address Selection
CONFIG_1
CONFIG_2
Device Address
0
0
1000 010X
0
1
1000 011X
1
0
1000 100X
1
1
1000 101X
If the CONFIG_1 and CONFIG_2 pins are left open, on-chip
pullups will select 1000 101X by default.
16.4 HOST WRITE COMMANDS
Some host commands include one or more data bytes written
to the LM8322. Figure 16 shows a SET_KEY_SIZE com-
mand, which consists of an address byte, a command byte,
and one data byte. The first byte is composed of a 7-bit slave
address in bits 7:1 and a direction bit in bit 0. The state of the
direction bit is 0 on writes from the host to the slave and 1 on
reads from the slave to the host.
The second byte sends the command. The SET_KEY_SIZE
command is 0x90.
The third byte send the data, in this case specifying the num-
ber of rows and columns for the keypad.
25
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com