Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) LM8322 Datasheet HTML 38Page - National Semiconductor (TI) LM8322 Datasheet HTML 39Page - National Semiconductor (TI) LM8322 Datasheet HTML 40Page - National Semiconductor (TI) LM8322 Datasheet HTML 41Page - National Semiconductor (TI) LM8322 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
18.0 Absolute Maximum Ratings (Note
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
2V
Voltage at Any Pin
-0.3V to V
CC +0.3V
Maximum Input Current Without
Latchup
±100 mA
ESD Protection Level
(Human Body Model)
2 kV
(Machine Model)
200V
(Charge Device Model)
750V
Total Current into V
CC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
−65°C to +140°C
19.0 DC Electrical Characteristics
(Temperature: -40°C
≤ T
A ≤ +85°C)
Data sheet specification limits are guaranteed by design, test, or statistical analysis.
Symbo
l
Parameter
Conditions
Min
Typ
Max
Units
V
CC
Operating Voltage
1.62
1.98
V
I
DD
Supply Current (Note 2)
Internal Clock,
1.9
3.0
mA
No loads on pins,
V
CC = 1.9V, TC = 0.5µs (Note 4)
I
HALT
Standby Mode Current (Note 5)
Typical:
V
CC = 1.9V, TA = 25°C
<9
40
µA
V
IL
Logical 0 Input Voltage (Note 5)
0.3 x V
CC
V
V
IH
Logical 1 Input Voltage (Note 5)
0.7 x V
CC
V
Hi-Z Input Leakage (TRI-STATE Output)
V
CC = 1.8V
-2
2
µA
Port Input Hysteresis (Notes 5, 6)
100
400
mA
Weak Pull-Up/Pull-Down Current
1.6V<V
CC< 2.0V
150
µA
Output Current Source (Push-Pull Mode)
V
CC = 1.62V, VOH = 0.7 x VCC
-16
mA
Output CurrentSink (Push-Pull Mode)
V
CC = 1.62V, VOL = 0.3 x VCC
16
mA
Allowable Sink and Source Current per Pin (Note
7)
16
mA
C
PAD
Input Capacitance (Note 7)
5
pF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics tables.
Note 2: Supply current is measured with inputs connected to V
CC and outputs driven low but not connected to a load.
Note 3: T
C = instruction cycle time (min. 0.7 µs).
Note 4: In standby mode, the internal clock is switched off. Supply current in standby mode is measured with inputs connected to V
CC and outputs driven low but
not connected to a load.
Note 5: Applied to all digital pins (including RESET) except for SLOWCLK when configured for an external clock..
Note 6: Guaranteed by design, not tested.
Note 7: The sum of all I/O sink/source current must not e4xceed the maximum total current into V
CC and out of GND as specified in the absolute maximem
ratings.
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com