Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) LM8322 Datasheet HTML 38Page - National Semiconductor (TI) LM8322 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
17.14 SET_DEBOUNCE COMMAND
The SET_DEBOUNCE command consists of a command
byte (0x8F) and a data byte from the host. This command sets
the time that the LM8322 waits before rescanning the keypad
to confirm a key-press or key-release event. The default de-
bounce time is 12 milliseconds. The host can program DE-
BOUNCETIME from 4–1020 milliseconds with a granularity
of 4 milliseconds. The DEBOUNCETIME must not exceed the
active time set with the SET_ACTIVE command.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
1
1
1
1
DEBOUNCETIME
Field
Value
Description
DEBOUNCETIME
1–255
Active time = n × 4 milliseconds.
17.15 SET_KEY_SIZE COMMAND
The SET_KEY_SIZE command consists of a command byte
(0x90) and a data byte from the host. This command specifies
the keypad size in terms of the number of KP-Xx inputs and
KP-Yx outputs which are used. Any unused KP-Xx and KP-
Yx pins may be used for general-purpose I/O. The minimum
value for either field is 3, which corresponds to a keypad con-
figuration that supports 3 × 3 + 3 SF keys (total of 12 keys).
The maximum number of KP-Xx inputs is 8, and the maximum
number of KP-Yx outputs is 12. If the digital multiplexer MUX2
is used, the maximum number of KP-Yx outputs is 9. If the
SLOWCLKOUT pin is used, the maximum number is 8.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
0
0
0
KP-X
KP-Y
Field
Value
Description
KP-X
3–8
Number of KP-Xx inputs.
KP-Y
3–12
Number of KP-Yx outputs.
17.16 READ_KEY_SIZE COMMAND
The READ_KEY_SIZE command consists of a command
byte (0x91) from the host and a data byte from the LM8322.
The host can issue the command at any time to read the con-
figuration of the keypad.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
0
0
1
KP-X
KP-Y
Field
Value
Description
KP-X
3–8
Number of KP-Xx inputs.
KP-Y
3–12
Number of KP-Yx outputs.
35
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com