Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 25Page - National Semiconductor (TI) LM8322 Datasheet HTML 26Page - National Semiconductor (TI) LM8322 Datasheet HTML 27Page - National Semiconductor (TI) LM8322 Datasheet HTML 28Page - National Semiconductor (TI) LM8322 Datasheet HTML 29Page - National Semiconductor (TI) LM8322 Datasheet HTML 30Page - National Semiconductor (TI) LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Please note: The data bytes which follow the command can
be reads (toward the host) or writes (toward the LM8322). In
the case of the READ_FIFO and RPT_READ_FIFO com-
mands, the number of data bytes is variable, with the last
transaction indicated by returning a negative acknowledge-
ment (NACK).
17.1 READ_ID COMMAND
The READ_ID command consists of a command byte (0x80)
from the host and two data bytes from the LM8322.
The first data byte returns the manufacturer code, and the
second byte returns the device revision level.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
0
0
0
MANUFACTURER
REVISION
17.2 WRITE_CFG COMMAND
The WRITE_CFG command consists of a command byte
(0x81) and a data byte from the host. The data byte is loaded
into the hardware configuration register. The default state of
this register is 0x80.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
0
0
1
IRQPST
0
0
0
MUX2EN
MUX2SEL
MUX1EN
MUX1SEL
Bit
Value
Description
IRQPST
0
IRQ is an open-drain output.
1
IRQ is a push-pull output.
MUX2EN
0
MUX2_OUT output disabled.
1
MUX2_OUT output enabled. This overrides any other function available on this pin.
MUX2SEL
0
If the MUX2 EN bit is 1, the MUX2_IN1 input drives the MUX2_OUT output.
1
If the MUX2 EN bit is 1, the MUX2_IN2 input drives the MUX2_OUT output.
MUX1EN
0
MUX1_OUT output disabled.
1
MUX1_OUT output enabled. This overrides any other function available on this pin.
MUX1SEL
0
If the MUX1 EN bit is 1, the MUX1_IN1 input drives the MUX1_OUT output.
1
If the MUX1 EN bit is 1, the MUX1_IN2 input drives the MUX1_OUT output.
Please note: The WRITE_CFG COMMAND defines basic
hardware operation characteristics. It should be placed at the
beginning of the initialization sequence driven from the host
device after power on. It is not recommended to change the
configuration during run time. Anytime this command is used,
it initializes important operating characteristics such as the
the GPIO port. This means that the GPIO pins must be re-
established
via
WRITE_PORT_SEL
and
WRITE_PORT_STATE commands in this case.
29
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com