Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 26Page - National Semiconductor (TI) LM8322 Datasheet HTML 27Page - National Semiconductor (TI) LM8322 Datasheet HTML 28Page - National Semiconductor (TI) LM8322 Datasheet HTML 29Page - National Semiconductor (TI) LM8322 Datasheet HTML 30Page - National Semiconductor (TI) LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
17.3 READ_INT COMMAND
The READ_INT command consists of a command byte (0x82)
from the host and a data byte from the LM8322. The data byte
is the interrupt code. Reading the interrupt code acknowl-
edges the interrupt (which deasserts IRQ) and clears the
interrupt code. An exception to this behavior occurs if the
NOINIT bit is set, in which case IRQ will not be deasserted
and the interrupt code will not be cleared until a WRITE_CFG
command is received.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
0
1
0
PWM2END PWM1END PWM0END NOINIT ERROR
0
0
KEYPAD
Bit
Value
Description
PWM2END
0
No interrupt from PWM channel 2.
1
An END script command was executed by PWM channel 2.
PWM1END
0
No interrupt from PWM channel 1.
1
An END script command was executed by PWM channel 1.
PWM0END
0
No interrupt from PWM channel 0.
1
An END script command was executed by PWM channel 0.
NOINIT
0
Normal operation.
1
LM8322 is waiting for the initialization sequence.
ERROR
0
No error condition is indicated.
1
An error condition occurred.
KEYPAD
0
No key-press or key-release event is indicated.
1
A key-press or key-release event occurred.
17.4 RESET COMMAND
The RESET command consists of a command byte (0x83)
and one data byte from the host. The command causes a re-
set, identical to an external reset. The data byte must be
0xAA, otherwise no reset will occur and an error condition will
be signalled.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
0
1
1
1
0
1
0
1
0
1
0
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com