Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) LM8322 Datasheet HTML 38Page - National Semiconductor (TI) LM8322 Datasheet HTML 39Page - National Semiconductor (TI) LM8322 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
17.17 READ_CFG COMMAND
The READ_CFG command consists of a command byte
(0x92) from the host and a data byte from the LM8322. The
data byte returns the settings in the hardware configuration
register. The default state of this register is 0x80.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
0
1
0
0
0
0
0
Bit
Value
Description
MUX2EN
0
MUX2_OUT output disabled.
1
MUX2_OUT output enabled. This overrides any other function available on this pin.
MUX2SEL
0
If the MUX2 EN bit is 1, the MUX2_IN1 input drives the MUX2_OUT output.
1
If the MUX2 EN bit is 1, the MUX2_IN2 input drives the MUX2_OUT output.
MUX1EN
0
MUX1_OUT output disabled.
1
MUX1_OUT output enabled. This overrides any other function available on this pin.
MUX1SEL
0
If the MUX1 EN bit is 1, the MUX1_IN1 input drives the MUX1_OUT output.
1
If the MUX1 EN bit is 1, the MUX1_IN2 input drives the MUX1_OUT output.
17.18 WRITE_CLOCK COMMAND
The WRITE_CLOCK command consists of a command byte
(0x93) and a data byte from the host. This command sets the
clock configuration, as described in Table 2, Section 9.3
CLOCK CONFIGURATION.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
0
1
1
CONFIGURATION
17.19 READ_CLOCK COMMAND
The READ_CLOCK command consists of a command byte
(0x94) from the host and a data byte from the LM8322. This
command reads bits 7:2 of the clock configuration, as de-
scribed in Table 2 , Section 9.3 CLOCK CONFIGURATION.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
1
0
0
CONFIGURATION
1
0
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com