Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 110 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 110 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 106Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 107Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 108Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 109Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 110Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 111Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 112Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 113Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 114Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
MB90480B/485B Series
110
DS07-13722-11E
5.
A/D Converter Electrical Characteristics
(VCC
= AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, 2.7 V ≤ AVRH, TA = −40 °C to +85 °C)
*1 : At machine clock frequency of 25 MHz.
*2 : CPU stop mode current when A/D converter is not operating (at VCC
= AVCC = AVRH = 3.0 V) .
Parameter
Symbol Pin name
Value
Unit
Min
Typ
Max
Resolution
⎯⎯
⎯
⎯
10
bit
Total error
⎯⎯
⎯
⎯
± 3.0
LSB
Linear error
⎯⎯
⎯
⎯
± 2.5
LSB
Differential linearity error
⎯⎯
⎯
⎯
± 1.9
LSB
Zero transition voltage
VOT
AN0 to
AN7
AVSS
− 1.5 LSB AVSS + 0.5 LSB AVSS + 2.5 LSB
V
Full scale transition voltage
VFST
AN0 to
AN7
AVRH
− 3.5 LSB AVRH − 1.5 LSB AVRH + 0.5 LSB
V
Conversion time
⎯⎯
3.68 *1
⎯⎯
μs
Analog port input current
IAIN
AN0 to
AN7
⎯
0.1
10
μA
Analog input voltage
VAIN
AN0 to
AN7
AVSS
⎯
AVRH
V
Reference voltage
⎯
AVRH
AVSS
+ 2.2
⎯
AVCC
V
Power supply current
IA
AVCC
⎯
1.4
3.5
mA
IAH
AVCC
⎯⎯
5 *2
μA
Reference voltage supply
current
IR
AVRH
⎯
94
150
μA
IRH
AVRH
⎯⎯
5 *2
μA
Offset between channels
⎯
AN0 to
AN7
⎯⎯
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com