Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 113 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 113 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 109Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 110Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 111Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 112Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 113Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 114Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 115Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 116Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 117Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
113
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVRL
AVRH
AVRL
AVRH
N
+ 1H
NH
N
− 1H
N
− 2H
VOT (Measured value)
{1 LSB
× (N − 1)
+ VOT }
Actual conversion
value
VFST
(Measured
value)
VNT
(Measured value)
Actual conversion
value
Theoretical
characteristics
Actual conversion
value
Actual conversion
value
Theoretical
characteristics
Analog input
Analog input
VNT
(Measured value)
V (N + 1) T
(Measured
value)
Linearity error
Differential linearity error
Linearity error of
digital output N
VNT
− {1 LSB × (N − 1) + VOT}
1 LSB
[LSB]
=
Differential linearity error
of digital output N
V (N
+ 1) T − VNT
1 LSB
− 1 [LSB]
=
VFST
− VOT
1022
[V]
1 LSB
=
N
: A/D converter digital output value
VOT : Voltage at transition of digital output from “000H” to “001H”
VFST : Voltage at transition of digital output from “3FEH” to “3FFH”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com