Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 42Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 43Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 44Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 45Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 46Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 47Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 48Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 49Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 50Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
MB90480B/485B Series
46
DS07-13722-11E
6.
8/16-bit up/down Counter/Timer
8/16-bit up/down counter/timer consists of up/down counter/timer circuits including six event input pins, two
8-bit up/down counters, two 8-bit reload/compare registers, as well as the related control circuits.
(1) Principal Functions
• 8-bit count register enables counting in the range 0 to 256.
(In 16-bit
× 1 mode, counting is enabled in the range 0 to 65535)
• Count clock selection provides four count modes.
• In timer mode, there is a choice of two internal count clock signals.
• In up/down count mode, there is a choice of trigger edge detection for the input signal from external pins.
• In phase differential count mode, to handle encoder counting for motors, the encoder A-phase, B-phase, and
Z-phase are each input, enabling easy and highly accurate counting of angle of rotation, speed of rotation, etc.
• The ZIN pin provides a selection of two functions.
• A compare function and reload function are provided, each for use separately or in combination. Both functions
can be activated together for up/down counting in any desired bandwidth.
• Individual control over interrupts at compare, reload (underflow) and overflow events.
• Count direction flag enables identification of the last previous count direction.
• Interrupt generated when count direction changes.
Count modes
Timer mode
Up/down count mode
Phase differential down count mode (
× 2)
Phase differential down count mode (
× 8)
Count clock
125 ns (8 MHz :
× 2)
(at 16 MHz operation)
0.5
μs (2 MHz : × 8)
Edge detection
Falling edge detection
Rising edge detection
Both rising/falling edge detection
Edge detection disabled
ZIN pin
Counter clear function
Gate functions
Compare/reload function
Compare function (output interrupt at compare events)
Compare function (output interrupt and clear counter at compare
events)
Reload function (output interrupt and reload at underflow events)
Compare/reload function
(output interrupt and clear counter at compare events, output interrupt
and reload at underflow events)
Compare/reload disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com