Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 22Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 23Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 24Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 25Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 26Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 27Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 28Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 29Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 124 page
background image
MB90480B/485B Series
26
DS07-13722-11E
(Continued)
Address
Register name
Abbre-
viated
register
name
Read/
Write
Resource name
Initial value
44H
PPG4, PPG5 output control register
PPG45
R/W
8/16-bit PPG
00000000B
45H
(Reserved area)
46H
Control status register
ADCS1
R/W
A/D converter
00000000B
47H
ADCS2
W, R/W
00000000B
48H
Data register
ADCR1
R
XXXXXXXXB
49H
ADCR2
W, R
00000XXXB
4AH
Output compare register (ch.0) lower digits
OCCP0
R/W
16-bit
input/output
timer output
compare
(ch.0 to ch.5)
00000000B
4BH
Output compare register (ch.0) upper digits
00000000B
4CH
Output compare register (ch.1) lower digits
OCCP1
R/W
00000000B
4DH
Output compare register (ch.1) upper digits
00000000B
4EH
Output compare register (ch.2) lower digits
OCCP2
R/W
00000000B
4FH
Output compare register (ch.2) upper digits
00000000B
50H
Output compare register (ch.3) lower digits
OCCP3
R/W
00000000B
51H
Output compare register (ch.3) upper digits
00000000B
52H
Output compare register (ch.4) lower digits
OCCP4
R/W
00000000B
53H
Output compare register (ch.4) upper digits
00000000B
54H
Output compare register (ch.5) lower digits
OCCP5
R/W
00000000B
55H
Output compare register (ch.5) upper digits
00000000B
56H
Output compare control register (ch.0)
OCS0
R/W
0000--00B
57H
Output compare control register (ch.1)
OCS1
R/W
---00000B
58H
Output compare control register (ch.2)
OCS2
R/W
0000--00B
59H
Output compare control register (ch.3)
OCS3
R/W
---00000B
5AH
Output compare control register (ch.4)
OCS4
R/W
0000--00B
5BH
Output compare control register (ch.5)
OCS5
R/W
---00000B
5CH
Input capture data register (ch.0) lower
digits
IPCP0
R
16-bit
input/output
timer input
capture
(ch.0, ch.1)
XXXXXXXXB
5DH
Input capture data register (ch.0) upper
digits
R
XXXXXXXXB
5EH
Input capture data register (ch.1) lower
digits
IPCP1
R
XXXXXXXXB
5FH
Input capture data register (ch.1) upper
digits
R
XXXXXXXXB
60H
Input capture control status register
ICS01
R/W
00000000B
61H
(Reserved area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com