Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 53Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 54Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 55Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 56Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 57Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 58Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 59Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 60Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
57
9.
I2C Interface (MB90485B series only)
The I2C interface is a serial I/O port supporting the Inter IC BUS. Serves as a master/slave device on the I2C bus.
The I2C interface has the following functions.
• Master/slave transmit/receive
• Arbitration function
• Clock synchronization
• Slave address/general call address detection function
• Forwarding direction detection function
• Start condition repeated generation and detection
• Bus error detection function
(1) Register List
Bus Status Register (IBSR)
Bus control register (IBCR)
Clock control register (ICCR)
Address register (IADR)
Data register (IDAR)
Initial value
000088H
00000000B
Initial value
000089H
00000000B
Initial value
00008AH
--0XXXXXB
Initial value
00008BH
-XXXXXXXB
Initial value
00008CH
XXXXXXXXB
76
5
4
3
21
0
BB
RSC
AL
LRB TRX
AAS
GCA
FBT
RR
R
R
R
R
R
R
15
14
13
12
11
10
9
8
BER BEIE SCC
MSS ACK GCAA INTE
INT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
21
0
EN
CS4CS3
CS2CS1CS0
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
A6
A5
A4
A3
A2
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
21
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com