Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 90 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 90 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 86Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 87Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 88Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 89Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 90Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 91Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 92Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 93Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 94Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
MB90480B/485B Series
90
DS07-13722-11E
3.6
2.7
3.0
4
1.5
16
25
16
12
25
8
4
34
8
12.5
16
25
20
32
50
20
6
1.5
9
18
24
5 6
10
40
Range of warranted PLL operation
Normal operating range
Internal clock fCP (MHz)
Internal operating clock frequency vs. Power supply voltage
Base oscillator frequency vs. Internal operating clock frequency
Base oscillator clock FCH (MHz)
• Range of warranted PLL operation
Notes:
• For A/D operating frequency, refer to “5. A/D Converter Electrical Characteristics”
• Only at 1 multiplied PLL, use with more than fCP = 4 MHz.
No multiplied
*1 : In setting as 1, 2, 3 and 4 multiplied PLL, when the internal clock is used at 20 MHz < fCP
≤ 25 MHz, set
the PLLOS register to “DIV2 bit
= 1” and “PLL2 bit = 1”.
[Example]
When using the base oscillator frequency of 24 MHz at 1 multiplied PLL :
CKSCR register : CS1 bit
= “0”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
[Example]
When using the base oscillator frequency of 6 MHz at 3 multiplied PLL :
CKSCR register : CS1 bit
= “1”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
*2 : In setting as 2 and 4 multiplied PLL, when the internal clock is used at 20 MHz < fCP
≤ 25 MHz, the following
setting is also enabled.
2 multiplied PLL :
CKSCR register : CS1 bit
= “0”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
4 multiplied PLL :
CKSCR register : CS1 bit
= “0”, CS0 bit = “1”
PLLOS register : PLL2 bit
= “1”
*3 : When using in setting as 6 and 8 multiplied PLL, set the PLLOS register to “DIV2 bit
= 0” and “PLL2 bit = 1”.
[Example]
When using the base oscillator frequency of 4 MHz at 6 multiplied PLL :
CKSCR register : CS1 bit
= “1”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
[Example]
When using the base oscillator frequency of 3 MHz at 8 multiplied PLL :
CKSCR register : CS1 bit
= “1”, CS0 bit = “1”
PLLOS register : PLL2 bit
= “1”
1
× *1
2
× *1,*2
3
× *1
4
×
*1,*2
6
× *3
8
× *3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com