Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 88 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 88 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 84Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 85Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 86Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 87Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 88Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 89Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 90Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 91Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 92Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
MB90480B/485B Series
88
DS07-13722-11E
4.
AC Characteristics
(1) Clock Timing
(VSS
= 0.0 V, TA = − 40 °C to + 85 °C)
*1 : Be careful of the operating voltage.
*2 : Duty ratio should be 50
% ± 3 %.
Parameter
Sym-
bol
Pin name
Condi-
tion
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCH
X0, X1
⎯
3
⎯
25
MHz
External crystal
oscillator
⎯
3
⎯
50
External clock input
⎯
4
⎯
25
1 multiplied PLL
⎯
3
⎯
12.5
2 multiplied PLL
⎯
3
⎯
6.66
3 multiplied PLL
⎯
3
⎯
6.25
4 multiplied PLL
⎯
3
⎯
4.16
6 multiplied PLL
⎯
3
⎯
3.12
8 multiplied PLL
FCL
X0A, X1A
⎯⎯
32.768
⎯
kHz
Clock cycle time
tC
X0, X1
⎯
20
⎯
333
ns
*1
tCL
X0A, X1A
⎯⎯
30.5
⎯μs
Input clock pulse width
PWH
PWL
X0
⎯
5
⎯⎯
ns
PWLH
PWLL
X0A
⎯⎯
15.2
⎯μs*2
Input clock rise, fall time
tcr
tcf
X0
⎯⎯
⎯
5
ns
With external clock
Internal operating clock
frequency
fCP
⎯⎯
1.5
⎯
25
MHz *1
fCPL
⎯⎯
⎯
8.192
⎯
kHz
Internal operating clock
cycle time
tCP
⎯⎯
40.0
⎯
666
ns
*1
tCPL
⎯⎯
⎯
122.1
⎯μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com