Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 66 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 66 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 62Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 63Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 64Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 65Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 66Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 67Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 68Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 69Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 70Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
MB90480B/485B Series
66
DS07-13722-11E
14. Watchdog timer
The watchdog timer is a 2-bit counter that uses the output from the timebase timer or watch timer as a count
clock signal, and will reset the CPU if not cleared within a predetermined time interval after it is activated.
(1) Register List
(2) Block Diagram
Watchdog timer control register (WDTC)
0000A8H
Read/write
Initial value
⎯
X
R
X
R
X
R
X
W
1
W
1
W
1
76
5
4
3
2
1
0
R
X
PONR
WRST
ERST
SRST
WTE
WT1
WT0
Reserved
PONR
WRST ERST SRST WTE
WT1
WT0
× 21 × 22
× 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218
× 21
SCLK
CLR
CLR
× 22
× 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218
2
4
4
Watchdog timer control register (WDTC)
Watchdog timer
Watch mode start
Timebase timer
mode start
Sleep mode start
Hold status start
Counter
clear
control
circuit
Count
clock
selector
2-bit
counter
Watchdog
reset
generator
circuit
Clear
Internal
reset
generator
circuit
CLR and
start
Time-base counter
HCLK
× 2
HCLK : Oscillator clock
SCLK : Sub clock
Watch timer control
register (WTC)
WDCS bit
Clock select register
(CKSCR)
SCM bit
Stop mode
start
Re-
served



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com