Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 114 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 114 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 110Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 111Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 112Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 113Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 114Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 115Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 116Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 117Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 118Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
MB90480B/485B Series
114
DS07-13722-11E
•Flash Memory Program/Erase Characteristics
* : The value comes from the technology qualification (using Arrhenius equation to translate high temperature
measurements into normalized value at
+ 85 °C) .
• Use of the X0/X1, X0A/X1A pins
• Sample use with external clock input
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA
= + 25 °C,
VCC
= 3.0 V
⎯
115
s
Excludes 00H programming
prior erasure
Chip erase time
⎯
7
⎯
s
Excludes 00H programming
prior erasure
Word (16-bit)
programming time
⎯
16
3600
μs
Excludes system-level overhead
Program/Erase cycle
⎯
10000
⎯⎯
cycle
Flash Memory Data
hold time
Average
TA
= + 85 °C
10
⎯⎯
year
*
X1
C3
C4
C2
C1
X0
X0A
X1A
When used with a crystal oscillator
Pull-up
resistance 1
Damping
resistance 1
Damping
resistance 2
Internal
damping
resistance 0
In normal use :
Internal damping resistance 0 : Typ 600
Ω
Consult with the oscillator manufacturer.
Pull-up resistance 1,
Damping resistance 1, 2,
C1 to C4
X0
X1
OPEN
MB90480B/485B
series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com