Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP35DP Datasheet(PDF) 17 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 17 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 13Page - Intel Corporation DP35DP Datasheet HTML 14Page - Intel Corporation DP35DP Datasheet HTML 15Page - Intel Corporation DP35DP Datasheet HTML 16Page - Intel Corporation DP35DP Datasheet HTML 17Page - Intel Corporation DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
Product Description
17
1.5.1
Memory Configurations
The Intel 82P35 MCH supports the following types of memory organization:
•
Dual channel (Interleaved) mode. This mode offers the highest throughput for
real world applications. Dual channel mode is enabled when the installed memory
capacities of both DIMM channels are equal. Technology and device width can vary
from one channel to the other but the installed memory capacity for each channel
must be equal. If different speed DIMMs are used between channels, the slowest
memory timing will be used.
•
Single channel (Asymmetric) mode. This mode is equivalent to single channel
bandwidth operation for real world applications. This mode is used when only a
single DIMM is installed or the memory capacities are unequal. Technology and
device width can vary from one channel to the other. If different speed DIMMs are
used between channels, the slowest memory timing will be used.
•
Flex mode. This mode provides the most flexible performance characteristics.
The bottommost DRAM memory (the memory that is lowest within the system
memory map) is mapped to dual channel operation; the topmost DRAM memory
(the memory that is nearest to the 8 GB address space limit), if any, is mapped to
single channel operation. Flex mode results in multiple zones of dual and single
channel operation across the whole of DRAM memory. To use flex mode, it is
necessary to populate both channels.
For information about…
Refer to:
Memory Configuration Examples
http://www.intel.com/support/motherboards/desktop/sb/cs-
011965.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com