Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP35DP Datasheet(PDF) 22 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 22 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation DP35DP Datasheet HTML 22Page - Intel Corporation DP35DP Datasheet HTML 23Page - Intel Corporation DP35DP Datasheet HTML 24Page - Intel Corporation DP35DP Datasheet HTML 25Page - Intel Corporation DP35DP Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
22
1.9
Legacy I/O Controller
The I/O controller provides the following features:
•
Consumer Infrared (CIR) headers
•
One serial port header
•
Serial IRQ interface compatible with serialized IRQ support for PCI systems
•
PS/2-style mouse and keyboard interfaces
•
Intelligent power management, including a programmable wake-up event interface
•
PCI power management support
The BIOS Setup program provides configuration options for the I/O controller.
1.9.1
Consumer Infrared (CIR)
The Consumer Infrared (CIR) feature is designed to comply with Microsoft Consumer
Infrared usage models. Microsoft Windows Vista is the supported operating system.
The CIR feature is made up of two separate pieces: the receiving (receiver) header,
and the output (emitter) header. The receiving header consists of a filtered translated
infrared input compliant with Microsoft CIR specifications, and also a “learning”
infrared input. This learning input is simply a high pass input which the computer can
use to “learn” to speak the infrared communication language of other user remotes.
The emitter header consists of two output ports which the PC can use to emulate
“learned” infrared commands in order to control external electronic hardware.
Customers are required to buy or create their own interface modules to plug into Intel
Desktop Boards for this feature to work. These interface modules may be included in
some boxed versions of DP35DP boards.
1.9.2
Serial Port
The board has one serial port header located on the component side of the board. The
serial port supports data transfers at speeds up to 115.2 kbits/sec with BIOS support.
For information about
Refer to
The location of the serial port header
Figure 10, page 42
The signal names of the serial port header
Table 14, page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com