Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP35DP Datasheet(PDF) 29 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 29 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 25Page - Intel Corporation DP35DP Datasheet HTML 26Page - Intel Corporation DP35DP Datasheet HTML 27Page - Intel Corporation DP35DP Datasheet HTML 28Page - Intel Corporation DP35DP Datasheet HTML 29Page - Intel Corporation DP35DP Datasheet HTML 30Page - Intel Corporation DP35DP Datasheet HTML 31Page - Intel Corporation DP35DP Datasheet HTML 32Page - Intel Corporation DP35DP Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Product Description
29
1.13 Power Management
Power management is implemented at several levels, including:
•
Software support through Advanced Configuration and Power Interface (ACPI)
•
Hardware support:
⎯ Power connector
⎯ Fan headers
⎯ LAN wake capabilities
⎯ Instantly Available PC technology
⎯ Wake from USB
⎯ Power Management Event signal (PME#) wake-up support
⎯ Intel® Quick Resume Technology Drivers (Intel® QRTD) (optional)
⎯ Wake from Consumer IR
1.13.1
ACPI
ACPI gives the operating system direct control over the power management and Plug
and Play functions of a computer. The use of ACPI with the board requires an
operating system that provides full ACPI support. ACPI features include:
•
Plug and Play (including bus and device enumeration)
•
Power management control of individual devices, add-in boards (some add-in
boards may require an ACPI-aware driver), video displays, and hard disk drives
•
Methods for achieving less than 15-watt system operation in the power-on/standby
sleeping state
•
A Soft-off feature that enables the operating system to power-off the computer
•
Support for multiple wake-up events (see Table 8 on page 31)
•
Support for a front panel power and sleep mode switch
Table 6 lists the system states based on how long the power switch is pressed,
depending on how ACPI is configured with an ACPI-aware operating system.
Table 6. Effects of Pressing the Power Switch
If the system is in this
state…
…and the power switch
is pressed for
…the system enters this state
Off
(ACPI G2/G5 – Soft off)
Less than four seconds
Power-on
(ACPI G0 – working state)
On
(ACPI G0 – working state)
Less than four seconds
Soft-off/Standby
(ACPI G1 – sleeping state)
On
(ACPI G0 – working state)
More than four seconds
Fail safe power-off
(ACPI G2/G5 – Soft off)
Sleep
(ACPI G1 – sleeping state)
Less than four seconds
Wake-up
(ACPI G0 – working state)
Sleep
(ACPI G1 – sleeping state)
More than four seconds
Power-off
(ACPI G2/G5 – Soft off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com