Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP35DP Datasheet(PDF) 19 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 19 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 15Page - Intel Corporation DP35DP Datasheet HTML 16Page - Intel Corporation DP35DP Datasheet HTML 17Page - Intel Corporation DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation DP35DP Datasheet HTML 22Page - Intel Corporation DP35DP Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
Product Description
19
1.6
Intel® P35 Express Chipset
The Intel P35 Express chipset consists of the following devices:
•
Intel 82P35 Memory Controller Hub (MCH)
•
Intel 82801IR I/O Controller Hub (ICH9R)
The MCH component provides interfaces to the CPU, memory, and PCI Express. The
ICH9R is a centralized controller for the board’s I/O paths.
For information about
Refer to
The Intel P35 Express chipset
http://www.intel.com/products/desktop/chipsets/index.htm
Resources used by the chipset
Chapter 2
The chipset supports the following features:
•
USB
•
Serial ATA
•
Parallel IDE
1.6.1
Intel® Viiv™ Processor Technology
This Intel desktop board supports Intel® Viiv™ processor technology. To be eligible for
the Intel Viiv processor technology brand, a system must meet certain hardware and
software requirements. To get the list of requirements for Intel Viiv processor
technology branding as well as all the features supported by Intel Viiv processor
technology, refer to
http://www.intel.com/products/viiv/index.htm
1.6.2
USB
The board supports up to 12 USB 2.0 ports, supports UHCI and EHCI, and uses UHCI-
and EHCI-compatible drivers.
The ICH9R provides the USB controller for all ports. The port arrangement is as
follows:
•
Six ports are implemented with stacked back panel connectors
•
Six ports are routed to three separate front panel USB headers
For information about
Refer to
The location of the USB connectors on the back panel
Figure 9, page 41
The location of the front panel USB headers
Figure 10, page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com