Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP35DP Datasheet(PDF) 50 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 50 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 46Page - Intel Corporation DP35DP Datasheet HTML 47Page - Intel Corporation DP35DP Datasheet HTML 48Page - Intel Corporation DP35DP Datasheet HTML 49Page - Intel Corporation DP35DP Datasheet HTML 50Page - Intel Corporation DP35DP Datasheet HTML 51Page - Intel Corporation DP35DP Datasheet HTML 52Page - Intel Corporation DP35DP Datasheet HTML 53Page - Intel Corporation DP35DP Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
50
2.2.2.6
Front Panel USB Headers
Figure 12 is a connection diagram for the front panel USB headers.
INTEGRATOR’S NOTES
The +5 V DC power on the USB headers is fused.
Use only a front panel USB connector that conforms to the USB 2.0 specification
for high-speed USB devices.
Figure 12. Connection Diagram for Front Panel USB Headers
2.2.2.7
Front Panel IEEE 1394a Header
Figure 13 is a connection diagram for the IEEE 1394a header.
INTEGRATOR’S NOTES
The +12 V DC power on the IEEE 1394a header is fused.
The IEEE 1394a header provides one IEEE 1394a port.
Figure 13. Connection Diagram for IEEE 1394a Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com