Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP35DP Datasheet(PDF) 20 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 20 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 16Page - Intel Corporation DP35DP Datasheet HTML 17Page - Intel Corporation DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation DP35DP Datasheet HTML 22Page - Intel Corporation DP35DP Datasheet HTML 23Page - Intel Corporation DP35DP Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
20
1.6.3
Serial ATA Interfaces
The board provides five Serial ATA (SATA) connectors, which support one device per
connector. The board also provides one red-colored external Serial ATA (eSATA)
connector.
1.6.3.1
Serial ATA Support
The DP35DP Desktop Board’s Serial ATA controller offers six independent Serial ATA
ports with a theoretical maximum transfer rate of 3 Gbits/sec per port. One device
can be installed on each port for a maximum of six Serial ATA devices. A point-to-
point interface is used for host to device connections, unlike Parallel ATA IDE which
supports a master/slave configuration and two devices per channel.
For compatibility, the underlying Serial ATA functionality is transparent to the
operating system. The Serial ATA controller can operate in both legacy and native
modes. In legacy mode, standard IDE I/O and IRQ resources are assigned (IRQ 14
and 15). In Native mode, standard PCI Conventional bus resource steering is used.
Native mode is the preferred mode for configurations using the Windows* XP and
Windows Vista operating systems.
NOTE
Many Serial ATA drives use new low-voltage power connectors and require adapters or
power supplies equipped with low-voltage power connectors.
For more information, see: http://www.serialata.org/
For information about
Refer to
The location of the Serial ATA connectors
Figure 10, page 42
1.6.3.2
Serial ATA RAID
The DP35DP Desktop Board supports the following RAID (Redundant Array of
Independent Drives) levels:
•
RAID 0 - data striping
•
RAID 1 - data mirroring
•
RAID 0+1 (or RAID 10) - data striping and mirroring
•
RAID 5 - distributed parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com