Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3502MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 12Page - International Rectifier IR3502MPBF Datasheet HTML 13Page - International Rectifier IR3502MPBF Datasheet HTML 14Page - International Rectifier IR3502MPBF Datasheet HTML 15Page - International Rectifier IR3502MPBF Datasheet HTML 16Page - International Rectifier IR3502MPBF Datasheet HTML 17Page - International Rectifier IR3502MPBF Datasheet HTML 18Page - International Rectifier IR3502MPBF Datasheet HTML 19Page - International Rectifier IR3502MPBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
IR3502
Page 16 of 39
July 28, 2009
TABLE 1 VR11 VID TABLE (PART 2)
Hex (VID7:VID0)
Dec (VID7:VID0)
Voltage
Hex (VID7:VID0)
Dec (VID7:VID0)
Voltage
80
10000000
0.81250
C0
11000000
TBS
81
10000001
0.80625
C1
11000001
TBS
82
10000010
0.80000
C2
11000010
TBS
83
10000011
0.79375
C3
11000011
TBS
84
10000100
0.78750
C4
11000100
TBS
85
10000101
0.78125
C5
11000101
TBS
86
10000110
0.77500
C6
11000110
TBS
87
10000111
0.76875
C7
11000111
TBS
88
10001000
0.76250
C8
11001000
TBS
89
10001001
0.75625
C9
11001001
TBS
8A
10001010
0.75000
CA
11001010
TBS
8B
10001011
0.74375
CB
11001011
TBS
8C
10001100
0.73750
CC
11001100
TBS
8D
10001101
0.73125
CD
11001101
TBS
8E
10001110
0.72500
CE
11001110
TBS
8F
10001111
0.71875
CF
11001111
TBS
90
10010000
0.71250
D0
11010000
TBS
91
10010001
0.70625
D1
11010001
TBS
92
10010010
0.70000
D2
11010010
TBS
93
10010011
0.69375
D3
11010011
TBS
94
10010100
0.68750
D4
11010100
TBS
95
10010101
0.68125
D5
11010101
TBS
96
10010110
0.67500
D6
11010110
TBS
97
10010111
0.66875
D7
11010111
TBS
98
10011000
0.66250
D8
11011000
TBS
99
10011001
0.65625
D9
11011001
TBS
9A
10011010
0.65000
DA
11011010
TBS
9B
10011011
0.64375
DB
11011011
TBS
9C
10011100
0.63750
DC
11011100
TBS
9D
10011101
0.63125
DD
11011101
TBS
9E
10011110
0.62500
DE
11011110
TBS
9F
10011111
0.61875
DF
11011111
TBS
A0
10100000
0.61250
E0
11100000
TBS
A1
10100001
0.60625
E1
11100001
TBS
A2
10100010
0.60000
E2
11100010
TBS
A3
10100011
0.59375
E3
11100011
TBS
A4
10100100
0.58750
E4
11100100
TBS
A5
10100101
0.58125
E5
11100101
TBS
A6
10100110
0.57500
E6
11100110
TBS
A7
10100111
0.56875
E7
11100111
TBS
A8
10101000
0.56250
E8
11101000
TBS
A9
10101001
0.55625
E9
11101001
TBS
AA
10101010
0.55000
EA
11101010
TBS
AB
10101011
0.54375
EB
11101011
TBS
AC
10101100
0.53750
EC
11101100
TBS
AD
10101101
0.53125
ED
11101101
TBS
AE
10101110
0.52500
EE
11101110
TBS
AF
10101111
0.51875
EF
11101111
TBS
B0
10110000
0.51250
F0
11110000
TBS
B1
10110001
0.50625
F1
11110001
TBS
B2
10110010
0.50000
F2
11110010
TBS
B3
10110011
TBS
F3
11110011
TBS
B4
10110100
TBS
F4
11110100
TBS
B5
10110101
TBS
F5
11110101
TBS
B6
10110110
TBS
F6
11110110
TBS
B7
10110111
TBS
F7
11110111
TBS
B8
10111000
TBS
F8
11111000
TBS
B9
10111001
TBS
F9
11111001
TBS
BA
10111010
TBS
FA
11111010
TBS
BB
10111011
TBS
FB
11111011
TBS
BC
10111100
TBS
FC
11111100
TBS
BD
10111101
TBS
FD
11111101
TBS
BE
10111110
TBS
FE
11111110
FAULT
BF
10111111
TBS
FF
11111111
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com