Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3502MPBF Datasheet(PDF) 15 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 11Page - International Rectifier IR3502MPBF Datasheet HTML 12Page - International Rectifier IR3502MPBF Datasheet HTML 13Page - International Rectifier IR3502MPBF Datasheet HTML 14Page - International Rectifier IR3502MPBF Datasheet HTML 15Page - International Rectifier IR3502MPBF Datasheet HTML 16Page - International Rectifier IR3502MPBF Datasheet HTML 17Page - International Rectifier IR3502MPBF Datasheet HTML 18Page - International Rectifier IR3502MPBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
IR3502
Page 15 of 39
July 28, 2009
TABLE 1 VR11 VID TABLE (PART1)
Hex (VID7:VID0)
Dec (VID7:VID0)
Voltage
Hex (VID7:VID0)
Dec (VID7:VID0)
Voltage
00
00000000
Fault
40
01000000
1.21250
01
00000001
Fault
41
01000001
1.20625
02
00000010
1.60000
42
01000010
1.20000
03
00000011
1.59375
43
01000011
1.19375
04
00000100
1.58750
44
01000100
1.18750
05
00000101
1.58125
45
01000101
1.18125
06
00000110
1.57500
46
01000110
1.17500
07
00000111
1.56875
47
01000111
1.16875
08
00001000
1.56250
48
01001000
1.16250
09
00001001
1.55625
49
01001001
1.15625
0A
00001010
1.55000
4A
01001010
1.15000
0B
00001011
1.54375
4B
01001011
1.14375
0C
00001100
1.53750
4C
01001100
1.13750
0D
00001101
1.53125
4D
01001101
1.13125
0E
00001110
1.52500
4E
01001110
1.12500
0F
00001111
1.51875
4F
01001111
1.11875
10
00010000
1.51250
50
01010000
1.11250
11
00010001
1.50625
51
01010001
1.10625
12
00010010
1.50000
52
01010010
1.10000
13
00010011
1.49375
53
01010011
1.09375
14
00010100
1.48750
54
01010100
1.08750
15
00010101
1.48125
55
01010101
1.08125
16
00010110
1.47500
56
01010110
1.07500
17
00010111
1.46875
57
01010111
1.06875
18
00011000
1.46250
58
01011000
1.06250
19
00011001
1.45625
59
01011001
1.05625
1A
00011010
1.45000
5A
01011010
1.05000
1B
00011011
1.44375
5B
01011011
1.04375
1C
00011100
1.43750
5C
01011100
1.03750
1D
00011101
1.43125
5D
01011101
1.03125
1E
00011110
1.42500
5E
01011110
1.02500
1F
00011111
1.41875
5F
01011111
1.01875
20
00100000
1.41250
60
01100000
1.01250
21
00100001
1.40625
61
01100001
1.00625
22
00100010
1.40000
62
01100010
1.00000
23
00100011
1.39375
63
01100011
0.99375
24
00100100
1.38750
64
01100100
0.98750
25
00100101
1.38125
65
01100101
0.98125
26
00100110
1.37500
66
01100110
0.97500
27
00100111
1.36875
67
01100111
0.96875
28
00101000
1.36250
68
01101000
0.96250
29
00101001
1.35625
69
01101001
0.95625
2A
00101010
1.35000
6A
01101010
0.95000
2B
00101011
1.34375
6B
01101011
0.94375
2C
00101100
1.33750
6C
01101100
0.93750
2D
00101101
1.33125
6D
01101101
0.93125
2E
00101110
1.32500
6E
01101110
0.92500
2F
00101111
1.31875
6F
01101111
0.91875
30
00110000
1.31250
70
01110000
0.91250
31
00110001
1.30625
71
01110001
0.90625
32
00110010
1.30000
72
01110010
0.90000
33
00110011
1.29375
73
01110011
0.89375
34
00110100
1.28750
74
01110100
0.88750
35
00110101
1.28125
75
01110101
0.88125
36
00110110
1.27500
76
01110110
0.87500
37
00110111
1.26875
77
01110111
0.86875
38
00111000
1.26250
78
01111000
0.86250
39
00111001
1.25625
79
01111001
0.85625
3A
00111010
1.25000
7A
01111010
0.85000
3B
00111011
1.24375
7B
01111011
0.84375
3C
00111100
1.23750
7C
01111100
0.83750
3D
00111101
1.23125
7D
01111101
0.83125
3E
00111110
1.22500
7E
01111110
0.82500
3F
00111111
1.21875
7F
01111111
0.81875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com