Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3502MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3502MPBF Datasheet HTML 1Page - International Rectifier IR3502MPBF Datasheet HTML 2Page - International Rectifier IR3502MPBF Datasheet HTML 3Page - International Rectifier IR3502MPBF Datasheet HTML 4Page - International Rectifier IR3502MPBF Datasheet HTML 5Page - International Rectifier IR3502MPBF Datasheet HTML 6Page - International Rectifier IR3502MPBF Datasheet HTML 7Page - International Rectifier IR3502MPBF Datasheet HTML 8Page - International Rectifier IR3502MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
IR3502
Page 1 of 39
July 28, 2009
DATA SHEET
XPHASE3TM
CONTROL IC
DESCRIPTION
The IR3502 control IC combined with an XPHASE3
TM Phase IC provides a full featured and flexible way to
implement a complete VR11.0 and VR11.1 power solution. The IR3502 provides overall system control
and interfaces with any number of Phase ICs, each driving and monitoring a single phase. The XPhase3
TM
architecture results in a power supply that is smaller, less expensive, and easier to design while providing
higher efficiency than conventional approaches.
FEATURES
•
1 to X phase operation with matching Phase IC
•
0.5% overall system set point accuracy
•
Daisy-chain digital phase timing provides accurate phase interleaving without external components
•
Programmable 250kHz to 9MHz clock oscillator frequency provides per phase switching frequency of
250kHz to 1.5MHz
•
Programmable Dynamic VID Slew Rate
•
Programmable VID Offset or No Offset
•
Programmable Load Line Output Impedance
•
High speed error amplifier with wide bandwidth of 30MHz and fast slew rate of 10V/us
•
Programmable constant converter output current limit during soft start
•
Hiccup over current protection with delay during normal operation
•
Central over voltage detection and latch with programmable threshold and communication to phase ICs
•
Over voltage signal output to system with overvoltage detection during powerup and normal operation
•
Load current reporting
•
Single NTC thermistor compensation for correct current reporting, OC Threshold, and Droop
•
Detection and protection of open remote sense line
•
Open control loop protection
•
IC bias linear regulator controller
•
Programmable VRHOT function monitors temperature of power stage through a NTC thermistor
•
Remote sense amplifier with true converter voltage sensing
•
Simplified VR Ready (VRRDY) output provides indication of proper operation
•
Small thermally enhanced 32L 5mm x 5mm MLPQ package
•
RoHS compliant
ORDERING INFORMATION
Device
Package
Order Quantity
IR3502MTRPBF
32 Lead MLPQ
(5 x 5 mm body)
3000 per reel
* IR3502MPBF
32 Lead MLPQ
(5 x 5 mm body)
100 piece strips
•
Samples only


Similar Part No. - IR3502MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3502MPBF IRF-IR3502MPBF Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
IR3502MPBFTR IRF-IR3502MPBFTR Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
More results

Similar Description - IR3502MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
XPHASE3TM AMD SVID CONTROL IC
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
XPHASE3TM POL CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
XPHASE3TM AMD HYBRID CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
XPHASE3TM DDR & VTT CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
XPHASE3TM DUAL OUTPUT CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com