Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3502MPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 4Page - International Rectifier IR3502MPBF Datasheet HTML 5Page - International Rectifier IR3502MPBF Datasheet HTML 6Page - International Rectifier IR3502MPBF Datasheet HTML 7Page - International Rectifier IR3502MPBF Datasheet HTML 8Page - International Rectifier IR3502MPBF Datasheet HTML 9Page - International Rectifier IR3502MPBF Datasheet HTML 10Page - International Rectifier IR3502MPBF Datasheet HTML 11Page - International Rectifier IR3502MPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
IR3502
Page 8 of 39
July 28, 2009
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1-8
VID7-0
Inputs to VID D to A Converter.
9
ENABLE
Enable input. A logic low applied to this pin puts the IC into fault mode. Do not float
this pin as the logic state will be undefined.
10
VRHOT
Open collector output of the VRHOT comparator which drives low if HOTSET pin
voltage is lower than 1.6V. Connect external pull-up.
11
HOTSET
A resistor divider including thermistor senses the temperature, which is used for
VRHOT comparator.
12
VOSEN-
Remote sense amplifier input. Connect to ground at the load.
13
VOSEN+
Remote sense amplifier input. Connect to output at the load.
14
VO
Remote sense amplifier output. Used for OV detection
15
FB
Inverting input to the Error Amplifier.
16
EAOUT
Output of the error amplifier.
17
VDRP
Buffered, scaled and thermally compensated IIN signal. Connect an external RC
network to FB to program converter output impedance.
18
VN
Node for DCR thermal compensation network.
19
VDAC_BUFF
Buffered VDAC.
20
VSETPT
Error amplifier non-inverting input. Converter output voltage can be decreased from
the VDAC voltage with an external resistor connected between VDAC and this pin
(there is an internal sink current at this pin).
21
VDAC
Regulated voltage programmed by the VID inputs. Connect an external RC network
to LGND to program dynamic VID slew rate and provide compensation for the
internal buffer amplifier.
22
SS/DEL
Programs converter startup and over current protection delay timing. It is also used
to compensate the constant output current loop during soft start. Connect an
external capacitor to LGND to program.
23
ROSC/OVP
Connect a resistor to LGND to program oscillator frequency and VSETPT bias
current. Oscillator frequency equals switching frequency per phase. The pin voltage
is 0.6V during normal operation and higher than 1.6V if an over-voltage condition is
detected.
24
LGND
Local Ground for internal circuitry and IC substrate connection.
25
CLKOUT
Clock frequency is the switching frequency multiplied by phase number. Connect to
CLKIN pins of phase ICs.
26
PHSOUT
Phase clock output at switching frequency per phase. Connect to PHSIN pin of the
first phase IC.
27
PHSIN
Feedback input of phase clock. Connect to PHSOUT pin of the last phase IC.
28
VCCL
Voltage regulator and IC power input. Connect a decoupling capacitor to LGND.
29
IIN
Average current input from the phase IC(s). This pin is also used to communicate
over voltage condition to phase ICs.
30
VCCLDRV
Output of the VCCL regulator error amplifier to control external transistor. The pin
senses 12V power supply through a resistor.
31
VRRDY
Open collector output that drives low during startup and under any external fault
condition. Connect external pull-up.
32
IMON
Voltage at this pin is proportional to load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com