Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3502MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 5Page - International Rectifier IR3502MPBF Datasheet HTML 6Page - International Rectifier IR3502MPBF Datasheet HTML 7Page - International Rectifier IR3502MPBF Datasheet HTML 8Page - International Rectifier IR3502MPBF Datasheet HTML 9Page - International Rectifier IR3502MPBF Datasheet HTML 10Page - International Rectifier IR3502MPBF Datasheet HTML 11Page - International Rectifier IR3502MPBF Datasheet HTML 12Page - International Rectifier IR3502MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
IR3502
Page 9 of 39
July 28, 2009
SYSTEM THEORY OF OPERATION
System Description
The system consists of one control IC and a scalable array of phase converters, each requiring one phase IC. The
control IC communicates with the phase ICs using three digital buses, i.e., CLOCK, PHSIN, PHSOUT and three
analog buses, i.e., VDAC, EA, IIN. The digital buses are responsible for switching frequency determination and
accurate phase timing control without any external component. The analog buses are used for PWM control and
current sharing among interleaved phases. The control IC incorporates all the system functions, i.e., VID, CLOCK
signals, error amplifier, fault protections, current monitor, etc. The Phase IC implements the functions required by
each phase of the converter, i.e., the gate drivers, PWM comparator and latch, over-voltage protection, Phase
disable circuit, current sensing and sharing, etc.
PWM
COMPARATOR
RDRP1
OFF
VSETPT
CLKIN
RCS
CCS
ISHARE
PHSIN
DACIN
VCC
CSIN+
GATEL
EAIN
GATEH
CBST
VCCH
CSIN-
SW
PGND
VCCL
RTHRM
VID6
PHSOUT
VID6
RCOMP
OFF
CLK
D
Q
PHSIN
PSI
CCOMP
OFF
VID6
RFB
VID6
+
-
CLKIN
CDRP
RCS
CCS
RDRP
3K
GND
VOUT
DACIN
VCC
VDAC
VO
LGND
ISHARE
PHSIN
VOSNS-
VOSNS+
GATEL
EAIN
GATEH
IIN
VDRP
VIN
FB
EAOUT
CLKOUT
CSIN-
CSIN+
IROSC
VID6
VDAC
REMOTE SENSE
AMPLIFIER
VCCH
CBST
CLK
D
Q
Q
U246
DFFRH
VCCL
GATE DRIVE
VOLTAGE
PHSOUT
PWM
COMPARATOR
VID6
VID6
PSI
VID6
CLK
D
Q
+
-
3K
VID6
CLK
D
Q
Q
U248
DFFRH
VID6
+
VID6
+
-
+
BODY
BRAKING
COMPARATOR
RAMP
DISCHARGE
CLAMP
ENABLE
CURRENT
SENSE
AMPLIFIER
RVSETPT
PWM LATCH
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
1
2
PHASE IC
PGND
VID6
PSI
-
+
SW
VID6
+
+
Thermal
Compensation
ENABLE
RAMP
DISCHARGE
CLAMP
VDRP
AMP
VDAC
BODY
BRAKING
COMPARATOR
VN
IVSETPT
CLOCK GENERATOR
PWM LATCH
CURRENT
SENSE
AMPLIFIER
IMON
ERROR
AMPLIFIER
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
RFB1
COUT
CONTROL IC
CFB
1
2
PSI
PHASE IC
PHSOUT
OFF
VID6
Figure 3 System Block Diagram
PWM Control Method
The PWM block diagram of the XPhase3
TM architecture is shown in Figure 3. Feed-forward voltage mode control
with trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the control IC is
used for the voltage control loop. Input voltage is sensed in phase ICs and feed-forward control is realized. The
PWM ramp slope will change with the input voltage and automatically compensate for changes in the input voltage.
The input voltage can change due to variations in the silver box output voltage or due to the wire and PCB-trace
voltage drop related to changes in load current.
Frequency and Phase Timing Control
The oscillator is located in the control IC and the system clock frequency is programmable from 250kHz to 9MHZ by
an external resistor. The control IC system clock signal CLKOUT is connected to CLKIN of all the phase ICs. The
phase timing of the phase ICs is controlled by the daisy chain loop, where control IC phase clock output PHSOUT is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com