Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTMA080302M Datasheet HTML 1Page - Infineon Technologies AG PTMA080302M Datasheet HTML 2Page - Infineon Technologies AG PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
3 of 11
Rev. 04, 2010-04-16
PTMA080302M
Confidential, Limited Internal Distribution
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–0.5 to +12
V
Junction Temperature
TJ
200
°C
Input Power
PIN
16
dBm
Total Device Dissipation
PD
129.5
W
Above 25°C derate by
0.74
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C) Stage 1
RθJC
6.7
°C/W
Stage 2
RθJC
1.7
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
Ordering Information
Type and Version
Package Outline
Package Description
Shipping
PTMA080302M V1
PG-DSO-20-63
Copper heat slug, plastic EMC body
Tape
*See Infineon distributor for future availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com