Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTMA080302M Datasheet HTML 1Page - Infineon Technologies AG PTMA080302M Datasheet HTML 2Page - Infineon Technologies AG PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
4 of 11
Rev. 04, 2010-04-16
PTMA080302M
Confidential, Limited Internal Distribution
Power Sweep at Selected Drain Voltages
VDD1=28 V, VDD2 = 24 V, 28 V and 32 V,
IDQ1 = 120 mA, ƒ = 940 MHz
26
28
30
32
34
29
31
33
35
37
39
41
43
45
47
Output Power (dBm)
28 V
24 V
32 V
EDGE Modulation Spectrum Performance
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA,
series show ƒ = 942 MHz at selected temperatures
24
26
28
30
32
34
36
38
40
42
30
32
34
36
38
40
42
44
46
Output Power (dBm)
25 °
–25 °C
25 °C
90 °C
Gain
Typical Performance (data taken in a production test fixture)
CW Power Performance
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA,
ƒ = 920, 940, 960 MHz
8
12
16
20
24
28
32
36
28
32
36
40
44
48
Output Power (dBm)
0
10
20
30
40
50
60
70
Efficiency
Gain
920 MHz
940 MHz
960 MHz
Two-tone Drive-up
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA,
selected frequencies
-70
-60
-50
-40
-30
-20
27
29
31
33
35
37
39
41
43
Output Power (dBm)
0
10
20
30
40
50
Efficiency
IMD3
920 MHz
940 MHz
960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com