Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG PTMA080302M Datasheet HTML 10Page - Infineon Technologies AG PTMA080302M Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
10 of 11
Rev. 04, 2010-04-16
PTMA080302M
Confidential, Limited Internal Distribution
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
Pinout Diagram
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Thermal
FET
a08 030 2m _p d_2 - 2 - 0 9
VDD 1
V
DD 1
RF In
V
G Thermal FET
V
D Thermal FET
RF In
V
G 1
V
G 2
V
DD 1
V
DD 1
NC
NC
V
DD 2, RF Out
V
DD 2, RF Out
V
DD 2, RF Out
V
DD 2, RF Out
V
DD 2, RF Out
V
DD 2, RF Out
NC
NC
Source: Plated copper heatslug on backside of package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com