Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTMA080302M Datasheet HTML 1Page - Infineon Technologies AG PTMA080302M Datasheet HTML 2Page - Infineon Technologies AG PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
1 of 11
Rev. 04, 2010-04-16
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PTMA080302M
Confidential, Limited Internal Distribution
Broadband Performance
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA,
fixture tuned for 920 - 960 MHz
0
5
10
15
20
25
30
35
700
750
800
850
900 950 1000 1050 1100
Frequency (MHz)
-25
-20
-15
-10
-5
0
5
10
Gain
Return Loss
Description
The PTMA080302M is a wideband, matched, 30-watt, 2-stage
LDMOS integrated amplifier intended for use in all typical modulation
formats from 700 to 1000 MHz. This device is offered in a 20-lead,
thermally-enhanced, overmolded package for cool and reliable
operation.
PTMA080302M
Package PG-DSO-20-63
Wideband RF LDMOS Integrated Power Amplifier
30 W, 700 – 1000 MHz
Features
Designed for wide RF modulation bandwidths,
and low memory effects
On-chip matching, integrated input DC block,
50-ohm input and ~ 8-ohm output
Typical GSM/EDGE performance, 940 MHz, 28 V
- Output power = 15 W Avg.
- Linear gain = 31 dB
- Power added efficiency = 36%
- EVM at 15 W = 1.7 %
- ACPR at 400 kHz = –61 dBc
- ACPR at 600 kHz = –73 dBc
Typical CW performance at 940 MHz, 28 V
- Output power at P–1dB = 32 W
- Linear gain (1 W) = 31 dB
- Power added efficiency = 46%
Capable of handling 10:1 VSWR @ 28 V, 30 W
(CW) output power
Integrated ESD protection. Meets HBM Class 1B
(minimum), per JESD22-A114F
RoHS-compliant package
*See Infineon distributor for future availability.
RF Characteristics
GSM/EDGE Measurements (not subject to production test—verified by design/characterization in Infineon test fixture)
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA, ƒ = 920 to 960 MHz, POUT = 15 W Avg.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
—31
dB
Power-added Efficiency
PAE
36
%
Error Vector Magnitude
EVM (RMS)
1.7
%


Similar Part No. - PTMA080302M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
More results

Similar Description - PTMA080302M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
logo
Infineon Technologies A...
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMA080152 CREE-PTMA080152 Datasheet
814Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com