Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG PTMA080302M Datasheet HTML 10Page - Infineon Technologies AG PTMA080302M Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
7 of 11
Rev. 04, 2010-04-16
PTMA080302M
Confidential, Limited Internal Distribution
Reference Circuit — for evaluation only
Reference circuit schematic for ƒ = 940 MHz
Circuit Assembly Information
DUT
PTMA080302M
LDMOS IC
PCB
0.76 mm [.030"] thick,
εr = 3.48
Rogers RO4350
1 oz. copper
Microstrip
Electrical Characteristics at 1960 MHz
Dimensions: L x W (mm)
Dimensions: L x W (in.)
1
0.161
λ, 50.0 Ω
27.76 x 1.70
1.093 x 0.067
2
0.012
λ, 10.4 Ω
2.01 x 13.00
0.079 x 0.512
3
0.012
λ, 10.4 Ω
2.06 x 13.00
0.081 x 0.512
4
0.044
λ, 34.2 Ω
7.52 x 3.00
0.296 x 0.118
5
0.022
λ, 34.2 Ω
3.81 x 3.00
0.150 x 0.118
6
0.095
λ, 43.6 Ω
16.43 x 2.11
0.647 x 0.083
7, 8
0.093
λ, 50.0 Ω
5.03 x 1.70
0.198 x 0.067
9
0.161
λ, 47.8 Ω
27.79 x 1.83
1.094 x 0.072
D2
J2
C16
10μF
C14
0.1μF
C17
100μF
50V
C25
33pF
C20
10μF
C21
100μF
50V
C24
6.8pF
8
9
10
C15
1μF
C19
1μF
C18
0.1μF
2
4
7
6
12
13
14
15
16
17
18
19
20
C22
0.6pF
3
5
C23
0.6pF
1
PTMA080302M
C5
47pF
DUT
1
2
3
5
6
7
4
10
9
8
11
J1
VD1
C2
10μF
C1
100μF
50V
C4
0.1μF
C6
10μF
C8
0.1μF
C9
47pF
C11
1μF
C12
0.1μF
C13
47pF
C3
1μF
C7
1μF
C10
10μF
G2
V
G1
V
R1
0O
R2
0O
R4
R3
Q2
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com