Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTMA080302M Datasheet HTML 1Page - Infineon Technologies AG PTMA080302M Datasheet HTML 2Page - Infineon Technologies AG PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
2 of 11
Rev. 04, 2010-04-16
PTMA080302M
Confidential, Limited Internal Distribution
RF Characteristics (cont.)
GSM/EDGE Measurements (cont.)
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA, ƒ = 920 to 960 MHz, POUT = 15 W Avg.
Characteristic
Symbol
Min
Typ
Max
Unit
Modulation Spectrum
400 kHz offset
ACPR1
–61
dBc
600 kHz offset
ACPR2
–73
dBc
Input Return Loss
IRL
–15
dB
Gain Flatness
ΔG
0.2
dB
Two-tone Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA, POUT = 32 W PEP, ƒ = 940 MHz, tone spacing = 1 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
31
32
dB
Power-added Efficiency
PAE
34
35
%
Intermodulation Distortion
IMD
–33
–31
dBc
Single-tone Measurements (not subject to production test—verified by design/characterization in Infineon test fixture)
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA, ƒ = 940 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
—32
dB
Power-added Efficiency
PAE
46
%
Output Power
P–1dB
31
W
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1.0
µA
VDS = 63 V, VGS = 0 V
IDSS
10.0
µA
On-State Resistance
Stage 1
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.25
Ω
Stage 2
VGS = 10 V, VDS = 0.1 V
RDS(on)
1.85
Ω
Operating Gate Voltage
VDS = 28 V,
VGS
2.0
2.5
3.0
V
IDQ1 = 120 mA, IDQ2 = 280 mA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com