| Electronic Components Datasheet Search |
|
PCA9620 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9620 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 71 page ![]() PCA9620 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 9 December 2010 20 of 71 NXP Semiconductors PCA9620 Universal LCD driver for low multiplex rates Remark: It is necessary to run the power-down sequence before removing the supplies. Depending on the application, care must be taken that no other signals are present at the chip input or output pins when removing the supplies (please refer to Section 9 on page 53). Otherwise this may cause unwanted display artifacts. In case of uncontrolled removal of supply voltages the PCA9620 will not be damaged. Remark: Static voltages across the liquid crystal display can build up when the external LCD supply voltage (VLCD) is on while the IC supply voltage (VDD1 or VDD2) is off, or vice versa. This may cause unwanted display artifacts. To avoid such artifacts, external VLCD, VDD1, and VDD2 must be applied or removed together. Remark: A clock signal must always be supplied to the device when the device is active; removing the clock may freeze the LCD in a DC state, which is not suitable for the liquid crystal. It is recommended to first disable the display and afterwards to remove the clock signal. 7.4 LCD voltage 7.4.1 LCD voltage selector The LCD voltage selector co-ordinates the multiplexing of the LCD in accordance with the selected LCD drive configuration. The operation of the voltage selector is controlled by the set-bias-mode command (see Table 14 on page 8) and the set-MUX-mode command (see Table 13 on page 8). Intermediate LCD biasing voltages are obtained from an internal voltage divider. The biasing configurations that apply to the preferred modes of operation, together with the biasing characteristics as functions of VLCD and the resulting discrimination ratios (D), are given in Table 26. Discrimination is a term which is defined as the ratio of the on and off RMS voltage across a segment. It can be thought of as a measurement of contrast. Fig 13. Recommended power-down sequence when using an external supplied VLCD and an external clock signal START Disable dis- play by setting bit E logic 0 Disable tem- perature mea- surement by setting bit TME logic 0 013aaa256 STOP Bring pin CLK to 3-state by setting bit OSC and bit COE logic 0 External clock may be switched off |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |