Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9620 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 50Page - NXP Semiconductors PCA9620 Datasheet HTML 51Page - NXP Semiconductors PCA9620 Datasheet HTML 52Page - NXP Semiconductors PCA9620 Datasheet HTML 53Page - NXP Semiconductors PCA9620 Datasheet HTML 54Page - NXP Semiconductors PCA9620 Datasheet HTML 55Page - NXP Semiconductors PCA9620 Datasheet HTML 56Page - NXP Semiconductors PCA9620 Datasheet HTML 57Page - NXP Semiconductors PCA9620 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
54 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
10. Limiting values
[1]
Pass level; Human Body Model (HBM), according to Ref. 6 “JESD22-A114”.
[2]
Pass level; Charged-Device Model (CDM), according to Ref. 7 “JESD22-C101”.
[3]
Pass level; latch-up testing according to Ref. 8 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the NXP store and transport requirements (see Ref. 10 “NX3-00092”) the devices have to be
stored at a temperature of +8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products
divergent conditions are described in that document.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 34.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD1
supply voltage 1
analog and digital
−0.5
+6.5
V
VDD2
supply voltage 2
charge pump
−0.5
+6.5
V
IDD1
supply current 1
analog and digital
−50
+50
mA
IDD2
supply current 2
charge pump
−50
+50
mA
VLCD
LCD supply voltage
−0.5
+10
V
IDD(LCD)
LCD supply current
−50
+50
mA
Vi
input voltage
on pins CLK,
SDA, SCL, A0,
A1, T1, T2, T3
−0.5
+6.5
V
II
input current
−10
+10
mA
VO
output voltage
on pins S0 to S59,
BP0 to BP7
−0.5
+10
V
on pins SDA, CLK
−0.5
+6.5
V
IO
output current
−10
+10
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per
output
-100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
±4000
V
CDM
[2] -
±1500
V
Ilu
latch-up current
[3] -100
mA
Tstg
storage temperature
[4]
−65
+150
°C
Tamb
ambient temperature
operating device
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com