Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9620 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 54Page - NXP Semiconductors PCA9620 Datasheet HTML 55Page - NXP Semiconductors PCA9620 Datasheet HTML 56Page - NXP Semiconductors PCA9620 Datasheet HTML 57Page - NXP Semiconductors PCA9620 Datasheet HTML 58Page - NXP Semiconductors PCA9620 Datasheet HTML 59Page - NXP Semiconductors PCA9620 Datasheet HTML 60Page - NXP Semiconductors PCA9620 Datasheet HTML 61Page - NXP Semiconductors PCA9620 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
58 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
Charge pump set to 2
× V
DD2; VLCD = 7.0 V; VDD1 =VDD2 =5.0 V.
Fig 53. Typical IDD2 with respect to temperature
VLCD = 7.0 V, external supplied; VDD1 =VDD2 = 5.0 V; display enabled, but no display attached.
Fig 54. Typical ILCD with respect to temperature
temperature (
°C)
−40
120
80
40
0
001aan024
180
220
140
260
300
IDD2
(
μA)
100
001aan025
temperature (
°C)
−40
120
80
40
0
100
120
140
ILCD
(
μA)
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com