Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9620 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 27Page - NXP Semiconductors PCA9620 Datasheet HTML 28Page - NXP Semiconductors PCA9620 Datasheet HTML 29Page - NXP Semiconductors PCA9620 Datasheet HTML 30Page - NXP Semiconductors PCA9620 Datasheet HTML 31Page - NXP Semiconductors PCA9620 Datasheet HTML 32Page - NXP Semiconductors PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
31 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
When eight backplanes are provided in the LCD, the 1:8 multiplex drive mode applies, as
shown in Figure 21 and Figure 22.
7.4.3 VLCD generation
VLCD can be generated and controlled on the chip by using software commands. When
the internal charge pump is used, the programmed VLCD is available on pin VLCD. The
charge pump generates a VLCD of up to 3 × VDD2.
The charge pump can be enabled or disabled with the CPE bit (see Table 8 on page 7).
With bit CPC the charge pump multiplier setting can be configured.
The final value of VLCD is a combination of the programmed VPR[7:0] value and the output
of the temperature compensation block, VT[7:0]. The system is shown in Figure 23.
In Equation 6 the main parameters are the programmed digital value term and the
compensated temperature term.
(6)
1. VPR[7:0] is the binary value of the programmed voltage.
2. VT[7:0] is the binary value of the temperature compensated voltage. Its value comes
from the temperature compensation block and is a two’s complement which has the
value 0h at 20
°C.
3. m and n are fixed values (see Table 27).
Figure 24 shows how VLCD changes with the programmed value of VPR[7:0].
Fig 23. VLCD generation including temperature compensation
013aaa257
TEMPERATURE
READOUT
−40
0
+80
+20
+50
TEMPERATURE
0 OFFSET
SLA
SLB
SLC
SLD
8
TD
8
VPR[7:0]
8
VLCD
n
m
Table 27.
Parameters of VLCD generation
Symbol
Value
Unit
m3
V
n0.03
V
V
LCD
VPR 7:0
[] VT 7:0
[]
+
[] n
×
m
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com