Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912F634CV2AP Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 29Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 30Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 31Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 32Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 33Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 34Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 35Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 36Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 335 page
background image
Electrical Characteristics
Dynamic Electrical Characteristics
MM912F634
Freescale Semiconductor
33
Table 43 lists the timing characteristics for master mode.
Table 43. SPI Master Mode Timing Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
SCK frequency
fSCK
1/2048
-
1
/2fBUS
SCK period
tSCK
2.0
-
2048
tBUS
Enable lead time
tLEAD
-1/2
-
tSCK
Enable lag time
tLAG
-1/2
-
tSCK
Clock (SCK) high or low time
tWSCK
-1/2
-
tSCK
Data setup time (inputs)
tSU
8.0
-
-
ns
Data hold time (inputs)
tHI
8.0
-
-
ns
Data valid after SCK edge
tVSCK
-
-
29
ns
Data valid after SS fall (CPHA = 0)
tVSS
-
-
15
ns
Data hold time (outputs)
tHO
20
-
-
ns
Rise and fall time inputs
tRFI
--
8.0
ns
Rise and fall time outputs
tRFO
--
8.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com