Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912F634CV2AP Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 69Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 70Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 71Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 72Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 73Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 75Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 335 page
background image
Functional Description and Application Information
Wake-up / Cyclic Sense
MM912F634
Freescale Semiconductor
72
4.8
Wake-up / Cyclic Sense
To wake-up the MM912F634 analog die from Stop or Sleep mode, several wake-up sources are implemented. As described in
Section 4.3, “Modes of Operation", a wake-up from Stop mode will result in an interrupt (D2DINT) to the MCU combined with a
transition to Normal mode. A wake-up from Sleep mode will result in a transition to Reset mode. In any case, the source of the
wake-up can be identified by reading the Wake-up Source Register (WSR). The Wake-up Source Register (WSR) has to be read
after a wake-up condition in order to execute a new STOP mode command. Two base clock cycles (fBASE) delay are required
between the WSR read and MCR write.
In general, there are the following seven main wake-up sources:
•
Wake-up by a state change of one of the Lx inputs
•
Wake-up by a state change of one of the Lx inputs during a cyclic sense
•
Wake-up due to a forced wake-up
•
Wake-up by the LIN module
•
Wake-up by D2D interface (Stop mode only)
•
Wake-up due to internal / external Reset (Stop mode only)
•
Wake-up due to loss of supply voltage (Sleep mode only)
Figure 20. Wake-up Sources
4.8.1
Wake-up Sources
4.8.1.1
Lx - Wake-up (Cyclic Sense Disabled)
Any state digital change on a Wake-up Enabled Lx input will issue a wake-up. In order to select and activate a Wake-up Input
(Lx), the Wake-up Control Register (WCR) must be configured with appropriate LxWE inputs enabled or disabled before entering
low power mode. The Lx - Wake-up may be combined with the Forced Wake-up.
Note: Selecting a Lx Input for wake-up will disable a selected analog input once entering low power mode.
LIN Bus
HS1
HS2
L1
L2
L3
L4
L5
VSUP
LIN
D2DINT
D2DCLK
D2D3
D2D2
D2D1
D2D0
Wake Up
Module
D2D
Wake Up
LIN Wake Up
Lx – Wake Up
Cyclic Sense / Forced
Wake Up Timer
Forced
Wake Up
Cyclic Wake Up
L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com