Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912F634CV2AP Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 335 page
background image
Functional Description and Application Information
High Side Drivers - HS
MM912F634
Freescale Semiconductor
82
4.11.7.2
High Side Status Register (HSSR)
Table 99. High Side Status Register (HSSR)
Offset(75) 0x29
Access: User read
76
543
210
R
HSOTC
0
0
0
HS2CL
HS1CL
HS2OL
HS1OL
W
Reset
0
000
00
00
Note:
75. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 100. HSSR - Register Field Descriptions
Field
Description
7 - HSOTC
High Side Over-temperature Condition present. Both drivers are turned off. Reading the register will clear the HSOT
interrupt flag if present. See Section 4.6, “Interrupts" for details.
3 - HS2CL
High Side 2 Current Limitation
2 - HS1CL
High Side 1 Current Limitation
1 - HS2OL
High Side 2 Open Load
1 - HS1OL
High Side 1Open Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com