Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912F634CV2AP Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 86Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 87Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 88Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 89Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 335 page
background image
Functional Description and Application Information
Low Side Drivers - LSx
MM912F634
Freescale Semiconductor
86
4.12.4
Functional Description
The Low Side switches are controlled by the bits LS1:2 in the Low Side Control Register (LSCR). In order to control the Low
Sides, the LSCEN register has to be correctly written once after RESET or VROV.
To protect the device against over-voltage when an inductive load (relay) is turned off an active clamp circuit is implemented.
4.12.4.1
Voltage Regulator Over-voltage Protection
NOTE
The over-voltage threshold has to be trimmed at system power up. Please refer to
Section 4.25.1.2.3, “Trimming Register 2 (CTR2)" for details. The default trim is worst case
and may have disabled the LS function already. An initial LS enable would be needed.
To protect the application for an unintentional activation of the drivers in case of a voltage regulator over-voltage failure, the Low
Side Drivers will automatically shut down in case of an over-voltage on one of the two regulators.
The shutdown is fully handled in the analog section of the driver. This will secure the feature in case the digital logic is damaged
due to the over-voltage condition.
Once an over-voltage condition on one of the voltage regulators occurs, the LSx control bits in the Low Side Control Register
(LSCR) will be reset to 0. The Voltage Regulator Over-voltage Condition Bit (VROVC) in the Voltage Status Register (VSR) will
stay set as long as the condition is present. If the Voltage Regulator Over-voltage Interrupt was enabled (VROVIE=1), the VROV-
Interrupt will be issued. Reading the Voltage Regulator Over-voltage Condition Bit (VROVC) in the Voltage Status Register (VSR)
will clear the interrupt. To issue another VROV - Interrupt, the condition has to vanish and be present again.
To re-enable the Low Side Drivers after a Voltage Regulator Over-voltage condition occurred, first the LSCEN register has to be
written with “0x05” - this information is processed through the main digital blocks, and would secure a minimum functionality
before enabling the LS drivers again. In a second step, the LSx Control Bits in the Low Side Control Register (LSCR) must be
enabled again after the over-voltage condition has vanished (VROVC=0).
4.12.4.2
Open Load Detection
Each Low Side driver signals an open load condition if the current through the Low Side is below the open load current threshold.
The open load condition is indicated with the bit LS1OP and LS2OP in the Low Side Status Register (LSSR).
4.12.4.3
Current Limitation
Each Low Side driver has a current limitation. In combination with the over-temperature shutdown, the Low Side drivers are
protected against over-current and short-circuit failures.
The driver operates in current limitation, and is indicated with the bits LS1CL and LS2CL in the Low Side Status Register (LSSR).
Note: If the drivers is operating in current limitation mode excessive power might be dissipated.
4.12.4.4
Over-temperature Protection (LS Interrupt)
Both Low Side drivers are protected against over-temperature. In case of an over-temperature condition, both Low Side drivers
are shut down and the event is latched in the Interrupt Control Module. The shutdown is indicated as LS Interrupt in the Interrupt
Source Register (ISR).
If the bit LSM is set in the Interrupt Mask Register (IMR) than an Interrupt (IRQ) is generated.
A write to the Low Side Control Register (LSCR) will re-enable the Low Side drivers when the over-temperature condition is gone.
4.12.5
PWM Capability
See Section 4.13, “PWM Control Module (PWM8B2C)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com