Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912F634CV2AP Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 94Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 95Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 96Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 97Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 98Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 99Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 100Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 101Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
98
NOTE
Clock SA = Clock A / (2 * PWMSCLA)
When PWMSCLA = $00, PWMSCLA value is considered a full scale value of 256. Clock A
is thus divided by 512.
Clock A is used as an input to an 8-bit down counter. This down counter loads a user programmable scale value from the scale
register (PWMSCLA). When the down counter reaches one, a pulse is output and the 8-bit counter is re-loaded. The output signal
from this circuit is further divided by two. This gives a greater range with only a slight reduction in granularity. Clock SA equals
clock A divided by two times the value in the PWMSCLA register.
NOTE
Clock SB = Clock B / (2 * PWMSCLB)
When PWMSCLB = $00, PWMSCLB value is considered a full scale value of 256. Clock B
is thus divided by 512.
Similarly, clock B is used as an input to an 8-bit down counter followed by a divide by two producing clock SB. Thus, clock SB
equals clock B divided by two times the value in the PWMSCLB register.
As an example, consider the case in which the user writes $FF into the PWMSCLA register. Clock A for this case will be E divided
by 4. A pulse will occur at a rate of once every 255x4 E cycles. Passing this through the divide by two circuit produces a clock
signal at an E divided by 2040 rate. Similarly, a value of $01 in the PWMSCLA register when clock A is E divided by 4 will produce
a clock at an E divided by 8 rate.
NOTE
Writing to the scale registers while channels are operating can cause irregularities in the
PWM outputs.
Writing to PWMSCLA or PWMSCLB causes the associated 8-bit down counter to be re-loaded. Otherwise, when changing rates
the counter would have to count down to $01 before counting at the proper rate. Forcing the associated counter to re-load the
scale register value every time PWMSCLA or PWMSCLB is written prevents this.
4.13.4.1.3
Clock Select
NOTE
Changing clock control bits while channels are operating can cause irregularities in the PWM
outputs.
Each PWM channel has the capability of selecting one of two clocks. For channels 0 the clock choice is clock A or clock SA. For
channels 1 the choice is clock B or clock SB. The clock selection is done with the PCLKx control bits in the PWMCTL register.
4.13.4.2
PWM Channel Timers
The main part of the PWM module are the actual timers. Each of the timer channels has a counter, a period register, and a duty
register (each are 8-bit). The waveform output period is controlled by a match between the period register and the value in the
counter. The duty is controlled by a match between the duty register and the counter value, and causes the state of the output to
change during the period. The starting polarity of the output is also selectable on a per channel basis. Shown in Figure 26 is the
block diagram for the PWM timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com